Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-TYS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-TYS
Description  Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-TYS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-TYS Datasheet HTML 1Page - M-System Co.,Ltd. R5-TYS Datasheet HTML 2Page - M-System Co.,Ltd. R5-TYS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R5T-YS
R5T-YS SPECIFICATIONS
ES-6121 Rev.8 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
6
1
2
4
5
+
–
+
–
INTERNAL POWER
INTERNAL BUS A
*INTERNAL BUS B
Control
Circuit
Isolation
Isolation
Communication
Circuit
* For dual redundant communication.
Note: The section enclosed by broken line is with 2-ch. option.
OUTPUT 1
OUTPUT 2
RUN LED
DIP SW
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com