Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-TYS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-TYS
Description  Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-TYS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-TYS Datasheet HTML 1Page - M-System Co.,Ltd. R5-TYS Datasheet HTML 2Page - M-System Co.,Ltd. R5-TYS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5T-YS
R5T-YS SPECIFICATIONS
ES-6121 Rev.8 Page 2/3
http://www.m-system.co.jp/
FUNCTIONS
Output hold function:
In normal conditions, the module outputs the signal from
the preferred internal bus A.
When an error is detected, the output is switched to the
data from the internal bus B.
If both are in error, when the DIP switch on the side panel is
OFF, the module holds and output the last received data.
When the DIP switch 1 is ON, the module holds and output
-15 % of the selected range (approx. 1.6 mA).
Either internal bus A or bus B becomes normal, output
recovers.
EXTERNAL VIEW
RUN
4
3
2
1
6
5
1 2 3 4 5 6 7 8
■ SIDE VIEW
■ FRONT VIEW
Output Hold or
Output OFF
RUN LED
Function
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4
3
2
1
6
5
38.5 (1.52)
98.5 (3.88)
TERMINAL COVER
6–M3.5
TERMINAL
SCREWS
8.2 (.32)
7.2 (.28)
LOCKING CLAMP
18 (.71)
POSITIONING GUIDE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com