Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH1632245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74VCXH1632245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH1632245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74VCXH1632245 Datasheet HTML 2Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 3Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 4Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 5Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 6Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 7Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 8Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 9Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74VCXH1632245
6/17
Table 6: DC Specification For VCCB
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
(*)
VCCA
(V)
(*)
TA =25 °C
-40to 85°C
Min.
Typ.
Max.
Min.
Max.
VIHB
High Level Input
Voltage (Bn, Dir,
G)
1.8
2.5
0.65VCCB
0.65VCCB
V
1.8
3.3
0.65VCCB
0.65VCCB
2.5
3.3
1.6
1.6
VILB
Low Level Input
Voltage (Bn, Dir,
G)
1.8
2.5
0.35VCCB
0.35VCCB
V
1.8
3.3
0.35VCCB
0.35VCCB
2.5
3.3
0.7
0.7
VOHB
High Level
Output Voltage
2.3
3.0
IO=-100µA
2.1
2.1
V
2.3
3.0
IO=-18mA
1.7
1.7
1.65
3.0
IO=-6mA
1.25
1.25
1.65
2.3
IO=-6mA
1.25
1.25
VOLB
Low Level
Output Voltage
2.3
3.0
IO=100µA
0.2
0.2
V
2.3
3.0
IO=18mA
0.60
0.60
1.65
3.0
IO=6mA
0.30
0.30
1.65
2.3
IO=6mA
0.30
0.30
IIB
Input Leakage
Current
2.7
3.6
VI =VCC or GND
± 0.5
± 5
µA
IIB(HOLD) Input Hold
Current
1.65
2.3
VI =0.57V
25
25
µA
1.65
2.3
VI =1.07V
-25
-25
1.65
3.0
VI =0.57V
25
25
1.65
3.0
VI =1.07V
-25
-25
2.3
3.0
VI =0.7 V
45
45
2.3
3.0
VI =1.6 V
-45
-45
2.7
3.6
VI =0to 2.7 V
± 500
IOZB
High Impedance
Output Leakage
Current
2.7
3.6
VIA =VIHA or VILA
VIB = GND or 3.6V
G =VCCB
± 1.0
± 10
µA
ICCtB
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
Dir or G=VCCB or
GND
220
µA
1.95
2.7
2.7
3.6
∆I
CCtB
Maximum
Quiescent
Supply Current /
Input (Bn, DIR,
G)
2.7
3.6
VIB =VCCB -0.6V
VIA =VCCA or GND
0.75
mA
1.95
3.6
1.95
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com