Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH1632245 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VCXH1632245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH1632245 Datasheet(HTML) 5 Page - STMicroelectronics

  74VCXH1632245 Datasheet HTML 1Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 2Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 3Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 4Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 5Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 6Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 7Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 8Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74VCXH1632245
5/17
Table 5: DC Specification For VCCA
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(*)
(V)
VCCA
(*)
(V)
TA =25 °C
-40to 85°C
Min.
Typ.
Max.
Min.
Max.
VIHA
High Level Input
Voltage (An)
1.8
2.5
1.6
1.6
V
1.8
3.3
2.0
2.0
2.5
3.3
2.0
2.0
VILA
Low Level Input
Voltage (An)
1.8
2.5
0.7
0.7
V
1.8
3.3
0.8
0.8
2.5
3.3
0.8
0.8
VOHA
High Level
Output Voltage
2.3
3.0
IO=-100µA
2.8
2.8
V
2.3
3.0
IO=-8mA
2.4
2.4
1.65
3.0
IO=-8mA
2.4
2.4
1.65
2.3
IO=-6mA
1.8
1.8
VOLA
Low Level
Output Voltage
2.3
3.0
IO=100µA
0.2
0.2
V
2.3
3.0
IO=8mA
0.55
0.55
1.65
3.0
IO=8mA
0.55
0.55
1.65
2.3
IO=6mA
0.40
0.40
IIA
Input Leakage
Current
2.7
3.6
VI =VCC or GND
± 0.5
± 5
µA
IIA(HOLD) Input Hold
Current
1.65
2.3
VI =0.7 V
45
45
µA
1.65
2.3
VI =1.6 V
-45
-45
1.65
3.0
VI =0.8 V
75
75
1.65
3.0
VI =2.0 V
-75
-75
2.3
3.0
VI =0.8 V
75
75
2.3
3.0
VI =2.0 V
-75
-75
2.7
3.6
VI =0to 3.6 V
± 500
IOZA
High Impedance
Output Leakage
Current
2.7
3.6
VIA = GND or 3.6V
VIB =VIHB or VILB
G =VCCB
± 1.0
± 10
µA
IOFF
Power Off
Leakage Current
00
VIA =GND to 3.6V
VIB = GND to 3.6V
G, Dir = GND to
3.6V
± 1.0
± 10
µA
ICCtA
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
Dir or G=VCCB or
GND
220
µA
1.95
2.7
2.7
3.6
∆I
CCtA
Maximum
Quiescent
Supply Current /
Input (An)
2.7
3.6
VIA =VCCA -0.6V
VIB =VCCB or GND
0.75
mA
1.95
3.6
1.95
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com