Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA1024AFMTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24LA1024AFMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024AFMTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024AFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
10
Read identification page: The Identification Page (256 bytes) is an additional page which can be written
and (later) permanently locked in Read-only mode.
The Identification Page can be read by issuing an Read Identification Page instruction. This instruction
uses the same protocol and format as the Random Address Read (from memory array) with device type
identifier defined as 1011b. The MSB address bits B16/B8 are don't care, the LSB address bits B7/B0
define the byte address inside the Identification Page. The number of bytes to read in the ID page must
not exceed the page boundary (e.g.: when reading the Identification Page from location 10d, the number
of bytes should be less than or equal to 246, as the ID page boundary is 256 bytes)
Lock Identification Page: The Lock Identification Page instruction (Lock ID) permanently locks the
Identification page in Read-only mode. The Lock ID instruction is similar to Byte Write (into memory array)
with the following specific conditions:
Device type identifier = 1011b
Address bit B10 must be ‘1’; all other address bits are don't care
The data byte must be equal to the binary value xxxx xx1x, where x is don't care
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to 85℃, VCC = 2V to 5.5V, (unless otherwise noted).
Parameter
Symbol
Min
Typ
Max
Units
Condition
Supply Voltage
VCC1
2.0
5.5
V
Supply Current VCC=5.0V
ICC1
0.26
0.5
mA
READ at 400KHZ
Supply Current VCC=5.0V
ICC2
0.28
0.5
mA
WRITE at 400KHZ
Supply Current VCC=5.0V
ISB1
0.03
0.5
μA
VIN=VCC or VSS
Input Leakage Current
IL1
0.10
1.0
μA
VIN=VCC or VSS
Output Leakage Current
ILO
0.05
1.0
μA
VOUT=VCC or VSS
Input Low Level
VIL1
-0.3
VCC×0.3
V
VCC=1.7V to 5.5V
Input High Level
VIH1
VCC×0.7
VCC+0.3
V
VCC=1.7V to 5.5V
Output Low Level VCC=1.7V
VOL1
0.2
V
IOL=2.1mA
Output Low Level VCC=5.0V
VOL2
0.4
V
IOL=3.0mA
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 400kHz, VCC = 2.7V.
Parameter
Symbol
Max
Units
Condition
Input/Output Capacitance(SDA)
CI/O
8
pF
VI/O = 0V
Input Capacitance(A1,A2,SCL)
CIN
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com