Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA1024AFMTH Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE24LA1024AFMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024AFMTH Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024AFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
11
AC Characteristics
Applicable over recommended operating range from TA = -40℃ to 85℃, VCC = 2.0V to 5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Parameter
Symbol
2.0V≦VCC<2.5V
2.5V≦VCC<5.5V
Units
Min
Typ
Max
Min
Typ
Max
Clock Frequency, SCL
fSCL
400
1000
KHZ
Clock Pulse Width Low
TLOW
1.3
0.5
μs
Clock Pulse Width High
THIGH
0.6
0.26
μs
Noise Suppression Time
TI
50
50
ns
Clock Low to Data Out Valid
TAA
0.9
0.45
μs
Time the bus must be free before
a new transmission can Start
TBUF
1.3
0.5
μs
Start Hold Time
THD.STA
0.6
0.25
μs
Start Setup Time
TSU.STA
0.6
0.25
μs
Data In Hold Time
THD.DAT
0
0
μs
Data In Setup Time
TSU.DAT
100
100
ns
Inputs Rise Time (1)
TR
0.3
0.12
μs
Inputs Fall Time (1)
TF
0.3
0.12
μs
Stop Setup Time
TSU.STO
0.6
0.25
μs
Data Out Hold Time
TDH
50
50
ns
Write Cycle Time
TWR
3.5
5
3.5
5
ms
5.0V, 25℃, Page Mode(1)
Endurance
4M
4M
Write
Cycle
Notes:
1.
This parameter is characterized and is not 100% tested.
2.
AC measurement conditions: RL (connects to VCC): 1.3 k
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall time: 50 ns
Input and output timing reference voltages: 0.5 VCC
The value of RL should be concerned according to the actual loading on the user's system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com