Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA128GMMTH Datasheet(PDF) 39 Page - ACE Technology Co., LTD.

Part # ACE25AA128GMMTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GMMTH Datasheet(HTML) 39 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GMMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 43Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
39
Release from Deep Power-Down and Read Device ID (RDI) (ABH)
The Release from Power-Down and Read/Device ID command is a multi-purpose command. It can be
used to release the device from the Power-Down state or obtain the devices electronic identification (ID)
number. To release the device from the Power-Down state, the command is issued by driving the CS# pin
low, shifting the instruction code “ABH” and driving CS# high as shown in Figure24. Release from
Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device will resume
normal operation and other command are accepted. The CS# pin must remain high during the tRES1
time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by
driving the CS# pin low and shifting the instruction code “ABH” followed by 3-dummy byte. The Device ID
bits are then shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in
Figure24a. The Device ID value for the ACE25AA128G is listed in Manufacturer and Device Identification
table. The Device ID can be read continuously. The command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is
the same as previously described, and shown in Figure 24b, except that after CS# is driven high it must
remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will
resume normal operation and other command will be accepted. If the Release from Power-Down/Device
ID command is issued while an Erase, Program or Write cycle is in process (when WIP equal 1) the
command is ignored and will not have any effect on the current cycle.
Figure23a. Release Power-Down Sequence Diagram (QPI)
Figure24. Deep Power-Down Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com