Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA128GMMTH Datasheet(PDF) 49 Page - ACE Technology Co., LTD.

Part # ACE25AA128GMMTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GMMTH Datasheet(HTML) 49 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GMMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 53Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
49
Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. It allows from 1 to
256 bytes Security Registers data to be programmed. A Write Enable (WREN) command must previously
have been executed to set the Write Enable Latch (WEL) bit before sending the Program Security
Registers command. The Program Security Registers command is entered by driving CS# Low, followed
by the command code (42H), three address bytes and at least one data byte on SI. As soon as CS# is
driven high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated. While the
Program Security Registers cycle is in progress, the Status Register may be read to check the value of
the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Program
Security Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB0) is set to 1, the Security Registers 1 will be permanently locked.
Program Security Registers 1command will be ignored. If the Security Registers Lock Bit 1 (LB1) is set to
1, the Security Registers 2 will be permanently locked. Program Security Registers 2command will be
ignored.
Address
A23-A16
A15-A8
A7-A0
Security Registers 0
00H
00H
Byte Address
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure35. Erase Security Registers command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com