Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA640GFMTH Datasheet(PDF) 28 Page - ACE Technology Co., LTD.

Part # ACE25AA640GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GFMTH Datasheet(HTML) 28 Page - ACE Technology Co., LTD.

Back Button ACE25AA640GFMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 32Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
28
Quad I/O Word Fast Read with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Word Fast Read command can be used to access a specific portion within a page by
issuing “Set Burst with Wrap” (77H) commands prior to E7H. The “Set Burst with Wrap” (77H) command
can either enable or disable the “Wrap Around” feature for the following E7H commands. When “Wrap
Around” is enabled, the data being accessed can be limited to either an 8/16/32/64-byte section of a
256-byte page. The output data starts at the initial address specified in the command, once it reaches the
ending boundary of the 8/16/32/64- byte section, the output will wrap around the beginning boundary
automatically until CS# is pulled high to terminate the command. The Burst with Wrap feature allows
applications that use cache to quickly fetch a critical address and then fill the cache afterwards within a
fixed length (8/16/32/64-byte) of data without issuing multiple read commands. The “Set Burst with Wrap”
command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable or disable the “Wrap
Around” operation while W6-W5 is used to specify the length of the wrap around section within a page.
Set Burst with Wrap (77H)
The Set Burst with Wrap command is used in conjunction with “Quad I/O Fast Read” and “Quad I/O Word
Fast Read” command to access a fixed length of 8/16/32/64-byte section within a 256-byte page, in
standard SPI mode. The Set Burst with Wrap command sequence: CS# goes low →Send Set Burst with
Wrap command →Send 24 dummy bits →Send 8 bits “Wrap bits” →CS# goes high
W6,W5
W4=0
W4=1(default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0,0
Yes
8-byte
No
N/A
0,1
Yes
16-byte
No
N/A
1,0
Yes
32-byte
No
N/A
1,1
Yes
64-byte
No
N/A
If the W6-W4 bits are set by the Set Burst with Wrap command, all the following “Quad I/O Fast Read”
and “Quad I/O Word Fast Read” command will use the W6-W4 setting to access the 8/16/32/64-byte
section within any page. To exit the “Wrap Around” function and return to normal read operation, another
Set Burst with Wrap command should be issued to set W4=1. In QPI mode, the “Burst Read with Wrap
(0CH)” command should be used to perform the Read Operation with “Wrap Around” feature. The Wrap
Length set by W5-W6 in Standard SPI mode is still valid in QPI mode and can also be re-configured by
“Set Read Parameters (C0H) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com