Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA640GFMTH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25AA640GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GFMTH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25AA640GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA640GFMTH Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
13
Read Serial Flash
Discoverable
Parameters
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Read Unique ID
5AH
00H
01H
94H
dummy
(D7-D0)
(continuous)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
Erase Security
Register(8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Register(8)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
Read Security
Register(8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Enable Reset
66H
Reset
99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com