Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA640GMMTH Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25AA640GMMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GMMTH Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25AA640GMMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
2
Single Power Supply Voltage: Full voltage range:2.7~3.6V
Minimum 100,000 Program/Erase Cycle
High Speed Clock Frequency
108MHz for fast read with 30PF load
Dual I/O Data transfer up to 216Mbits/s
Quad I/O Data transfer up to 432Mbits/s
QPI Mode Data transfer up to 384Mbits/s
Continuous Read With 8/16/32/64-byte Wrap
Program/Erase Speed
Page Program time: 250uS typical
Sector Erase time: 60ms typical
Block Erase time: 0.15/0.25s typical
Chip Erase time: 20s typical
Absolute Maximum Ratings
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
℃
Storage Temperature
-65 to 150
℃
Output Short Circuit Current
200
mA
Applied Input/Output Voltage
-0.5 to 4.0
V
VCC
-0.5 to 4.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com