Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA640GMMTH Datasheet(PDF) 60 Page - ACE Technology Co., LTD.

Part # ACE25AA640GMMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GMMTH Datasheet(HTML) 60 Page - ACE Technology Co., LTD.

Back Button ACE25AA640GMMTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 64Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
60
Packaging information
SOP-8
Symbol
Dimensions In Millimeters
Min
Norm
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.300
1.500
b
0.330
0.510
c
0.190
0.250
D
4.700
4.900
5.000
E1
3.800
3.900
4.000
e
1.270
E
5.800
6.000
6.200
h
0.250
0.350
0.500
L
0.508
0.635
0.762
L1
0.837
1.040
1.243
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com