Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC400GFMTH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25AC400GFMTH
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400GFMTH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25AC400GFMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
8
Read Status Register (RDSR) (05H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may
be read at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one
of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending
a new command to the device. It is also possible to read the Status Register continuously.
Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) command must previously have been executed. After
the Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable
Latch (WEL).
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect
(BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in
Table1.0.
The Write Status Register (WRSR) command has no effect on S6, S5, S1 and S0 of the Status Register.
CS# must be driven high after the eighth bit of the data byte has been latched in. If not, the Write Status
Register (WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write Status
Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in progress, the
Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress
(WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. When the
cycle is completed, the Write Enable Latch (WEL) is reset.
Figure3. Read Status Register Sequence Diagram
Figure4. Write Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com