Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC400GFMTH Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE25AC400GFMTH
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400GFMTH Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE25AC400GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
9
Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO,
each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address
after each byte of data is shifted out. Therefore, the whole memory can be read with a single Read Data
Bytes (READ) command. During an Erase, Program or Write cycle, Read Data Byte (READ) command
will be rejected without affecting the cycle in progress.
Read Data Bytes At Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed
by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK.
Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max
frequency fC, during the falling edge of SCLK. The first byte address can be at any location. The address
is automatically incremented to the next higher address after each byte of data is shifted out.
Figure5. Read Data Bytes Sequence Diagram
Figure6. Read Data Bytes at Higher Speed Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com