Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC200GLDPTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25AC200GLDPTH
Description  2M SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC200GLDPTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25AC200GLDPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC200GLDPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ACE25AC200GL
2M SPI NOR FLASH
VER 1.2
1
Description
The ACE25AC200GL is 2M-bit Serial flash supports the standard Serial Peripheral Interface (SPI).
SPI clock frequency of up to 40MHz is supported for fast read command.
Features
512K-bit Serial Flash
256 bytes per programmable page
Standard SPI
Standard SPI: SCLK, CS#, SI, SO,
High Speed Clock Frequency
40MHz for fast read with 30PF load
Program/Erase Speed
Page Program time: 2.0ms typical
Sector Erase time: 180ms typical
Block Erase time: 0.8s typical
Chip Erase time: 6s/3s typic
Flexible Architecture
Sector of 4K-byte
Block of 64k-byte
Low Power Consumption
10mA maximum active current
5uA maximum standby current
Single Power Supply Voltage: Full voltage range:1.65~1.95V
Minimum 100,000 Program/Erase Cycle
Absolute Maximum Ratings
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
Storage Temperature
-65 to 150
Output Short Circuit Current
200
mA
Applied Input/Output Voltage
-0.5 to 4.0
V
VCC
-0.5 to 4.0
V


Similar Part No. - ACE25AC200GLDPTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25AC200G ACE-ACE25AC200G Datasheet
1Mb / 24P
SPI NOR FLASH
VER 1.2
More results

Similar Description - ACE25AC200GLDPTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25AC200G ACE-ACE25AC200G Datasheet
1Mb / 24P
SPI NOR FLASH
VER 1.2
ACE25AC400GL ACE-ACE25AC400GL Datasheet
1Mb / 23P
SPI NOR FLASH
VER 1.1
ACE25AC100G ACE-ACE25AC100G Datasheet
1Mb / 23P
SPI NOR FLASH
VER 1.1
ACE25AC512G ACE-ACE25AC512G Datasheet
1Mb / 23P
SPI NOR FLASH
VER 1.1
ACE25AC400NLX ACE-ACE25AC400NLX Datasheet
912Kb / 20P
SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
2M BIT SPI NOR FLASH
VER 1.2
ACE25QC200GL ACE-ACE25QC200GL Datasheet
2Mb / 64P
2M BIT SPI NOR FLASH
VER 1.1
ACEH25D200G ACE-ACEH25D200G Datasheet
107Kb / 3P
2M BIT SPI NOR FLASH
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com