Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QA200GFMLTH Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25QA200GFMLTH
Description  2M BIT SPI NOR FLASH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA200GFMLTH Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25QA200GFMLTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ACE25QA200G
2M BIT SPI NOR FLASH
VER 1.2
21
Latch up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA
Power-up Timing
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To /CS Low
300
us
Figure 19. Power-up Timing and Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com