Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QA200GFMLTH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25QA200GFMLTH
Description  2M BIT SPI NOR FLASH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA200GFMLTH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25QA200GFMLTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ACE25QA200G
2M BIT SPI NOR FLASH
VER 1.2
7
SRP bits
The Status Register Protect (SRP) bit operates in conjunction with the Write Protect (WP#) signal. The
Status Register Write Protect (SRP) bit and Write Protect (WP#) signal set the device to the Hardware
Protected mode. When the Status Register Protect (SRP) bit is set to 1, and Write Protect (WP#) is driven
Low. In this mode, the non-volatile bits of the Status Register (SRP, BP2, BP1, and BP0) become read-only
bits and the Write Status Register (WRSR) instruction is not execution. The default value of SRP is 0.
Write Protect Features
(A)
Software Protection: The Block Protect (BP2, BP1, and BP0) bits define the section of the memory
array that can be read but not change.
(B)
Hardware Protection: /WP going low to protected the BP0~BP2 bits and SRP bits.
(C)
Deep Power-Down: In Deep Power-Down Mode, all instructions are ignored except the Release from
deep Power-Down Mode instruction.
(D)
Write Enable: The Write Enable Latch (WEL) bit must be set prior to every Page Program, Sector Erase,
Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com