Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC0402VG01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSC0402VG01
Description  Thin Film Chip Resistors With Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSC0402VG01 Datasheet(HTML) 1 Page - Vishay Siliconix

  MSC0402VG01 Datasheet HTML 1Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 2Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 3Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 4Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 5Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 6Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 7Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
www.vishay.com
Vishay Beyschlag
Revision: 16-Jun-2021
1
Document Number: 28744
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Chip Resistors With Established Reliability
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, and
MCA 1206 VG01 thin film flat chip resistors with established
reliability are the perfect choice for all high-reliability
applications
typically
found
in
military,
aircraft
and
spacecraft electronics. These versions supplement the
families of professional and precision thin film flat chip
resistors MCS 0402, MCT 0603, MCU 0805, and MCA 1206.
FEATURES
• IECQ-CECC approved to EN 140401-801,
version E
• Established reliability, failure rate level E6
• Advanced thin film technology
• Single Lot Date Code
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Military
•Avionics
•Space
Notes
• The failure rate level E6 (10-6/h,
πQ = 0.3), corresponding to MIL Level P, is superior to level E5 (10-5/h, πQ = 1) and thus may be used as a
replacement
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime
TECHNICAL SPECIFICATIONS
DESCRIPTION
MCS 0402 VG01
MCT 0603 VG01
MCU 0805 VG01
MCA 1206 VG01
Imperial size
0402
0603
0805
1206
Metric size code (EN/CECC style)
RR1005M
RR1608M
RR2012M
RR3216M
Resistance range
10
Ω to 1 MΩ; 0 Ω
1
Ω to 1 MΩ; 0 Ω
1
Ω to 1 MΩ; 0 Ω
1
Ω to 1 MΩ; 0 Ω
Resistance tolerance
± 1 %; ± 0.1 %
Temperature coefficient
± 50 ppm/K; ± 15 ppm/K
Rated dissipation,
P70
0.063 W
0.1 W
0.125 W
0.25 W
Operating voltage,
Umax. ACRMS or DC
50 V
75 V
150 V
200 V
Permissible film temperature,
ϑF max.
125 °C
Operating temperature range
-55 °C to 125 °C
Max. resistance change at
P70 for
resistance, |
ΔR/R| max. after:
10
Ω to 1 MΩ
1
Ω to 1 MΩ
1000 h
≤ 0.25 %
8000 h
≤ 0.5 %
225 000 h
≤ 1.5 %
Permissible voltage against ambient
(insulation):
1 min;
Uins
75 V
100 V
200 V
300 V
Assessed failure rate level
E6 = 10-6/h
Quality factor,
πQ
0.3
Failure rate: FITobserved
< 0.1 x 10-9/h


Similar Part No. - MSC0402VG01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MSC040SMA120B4 ISC-MSC040SMA120B4 Datasheet
572Kb / 3P
SiC N-Channel MOSFET
MSC040SMA120J ISC-MSC040SMA120J Datasheet
575Kb / 3P
SiC N-Channel MOSFET
logo
Microchip Technology
MSC040SMB120B MICROCHIP-MSC040SMB120B Datasheet
584Kb / 13P
1200V, 40 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC040SMB120B4N MICROCHIP-MSC040SMB120B4N Datasheet
595Kb / 12P
1200V, 40 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC040SMB120B4NVAO MICROCHIP-MSC040SMB120B4NVAO Datasheet
595Kb / 12P
1200V, 40 mΩ N-Channel mSiC™ MOSFET
12/2025
More results

Similar Description - MSC0402VG01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
logo
Vishay Siliconix
CRCWEN802 VISHAY-CRCWEN802 Datasheet
129Kb / 9P
Thick Film Chip Resistors with CECC Approval,available with Established Reliability
01-Sep-15
MCS-0402-VG01 VISHAY-MCS-0402-VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
MELF Resistors with Established Reliability
21-May-12
MCS0402VG01 VISHAY-MCS0402VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
MMU0102VG03 VISHAY-MMU0102VG03 Datasheet
183Kb / 8P
MELF Resistors with Established Reliability
21-May-12
MBA0204VG06 VISHAY-MBA0204VG06 Datasheet
166Kb / 9P
Leaded Metal Film Resistors with Established Reliability
27-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com