Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC0402VG01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSC0402VG01
Description  Thin Film Chip Resistors With Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSC0402VG01 Datasheet(HTML) 3 Page - Vishay Siliconix

  MSC0402VG01 Datasheet HTML 1Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 2Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 3Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 4Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 5Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 6Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 7Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
www.vishay.com
Vishay Beyschlag
Revision: 16-Jun-2021
3
Document Number: 28744
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
• Products within a packaging unit are Single Lot Date Code
Note
• The ordering information according to EN 140401-801:2014 shown above succeeds and replaces the ordering information according to
earlier versions of the detail specification EN 140401-801 or its predecessor CECC 40401-801, for example:
CECC 40401-801 EZ RR1608M C 287K F E6
CECC 40401-801 S RR1608M C 287K F E6
with
EZ; S
Assessment level, where EZ is successor to and superior replacement for S
RR1608M
Style, with suffix M for “metric”
C
Temperature coefficient, according to the detail specification
C = ± 50 ppm/K; E = ± 15 ppm/K
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MCT0603HC2873FP500
Part Number: MCT0603HZ0000ZP500
TYPE / SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MCS 0402
MCT 0603
MCU 0805
MCA 1206
H = EN 140401-801,
“Version E”;
failure rate level E6
C = ± 50 ppm/K
E = ± 15 ppm/K
Z = jumper
3 digit value
1 digit multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
0000 = jumper
F = ± 1 %
B = ± 0.1 %
Z = jumper
E1
E0
P1
P5
Product Description: MCT 0603-50 1 % VG01 P5 287K
Product Description: MCT 0603 VG01 P5 0R0
MCT 0603
-50
1 %
VG01
P5
287K
MCT 0603
-
-
VG01
P5
0R0
TYPE / SIZE
TCR
TOLERANCE
VERSION
PACKAGING
RESISTANCE
MCS 0402
MCT 0603
MCU 0805
MCA 1206
± 50 ppm/K
± 15 ppm/K
± 1 %
± 0.1 %
VG01 = EN 140401-801,
“Version E”;
failure rate level E6
E1
E0
P1
P5
49R9 = 49.9
Ω
287K = 287 k
Ω
0R0 = jumper
EN 140401-801 ORDERING INFORMATION
Example of the ordering information for a resistor: MCT 0603-50 1 % VG01 287K
EN140401-801EZRR1608MR287KFE6
Example of the ordering information for a zero ohm jumper: MCT 0603 VG01 0R0
EN140401-801EZRR1608M-0R00-E6
The elements used in the component number have the following meaning:
EN140401-801
EZ
RR1608M
R
287K
F
E6
EN detail specification number
Assessment level for the zero-defect approach
Style (size)
Temperature coefficient, according to EN 60062
R = ± 50 ppm/K; P = ± 15 ppm/K
Resistance, according to EN 60062, 4 characters
Tolerance on rated resistance, according to EN 60062
F = ± 1 %; B = ± 0.1 %
Failure rate level according to EN 60115-1, annex ZR
M
C
T
0
6
0
3
H
Z
0
0
0
0
Z
P
5
0
0
M
C
T
0
6
0
3
H
C
2
8
7
3
F
P
5
0
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com