Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16635 Datasheet(PDF) 13 Page - NEC

Part # UPD16635
Description  240-OUTPUT TFT-LCD SOURCE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16635 Datasheet(HTML) 13 Page - NEC

Back Button UPD16635 Datasheet HTML 9Page - NEC UPD16635 Datasheet HTML 10Page - NEC UPD16635 Datasheet HTML 11Page - NEC UPD16635 Datasheet HTML 12Page - NEC UPD16635 Datasheet HTML 13Page - NEC UPD16635 Datasheet HTML 14Page - NEC UPD16635 Datasheet HTML 15Page - NEC UPD16635 Datasheet HTML 16Page - NEC UPD16635 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
µPD16635
13
Conditions Required for Timing
(TA = –10 to +75
°C, VDD1 = 3.3 V ±0.3 V, VSS1 = VSS2 = 0 V, tr = tf = 8.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
30
ns
Clock Pulse Low Period
PWCLK(L)
6ns
Clock Pulse High Period
PWCLK(H)
6ns
Data Setup Time
tSETUP1
6ns
Data Hold Time
tHOLD1
6ns
Start Pulse Setup Time
tSETUP2
6ns
Start Pulse Hold Time
tHOLD2
6ns
Start Pulse Low Period
tSPL
6ns
STB Pulse Width
PWSTB
1
µs
Data Invalid Period
tINV
1
CLK
Final Data Timing
tLDT
2
CLK
CLK-STB Time
tCLK-STB
CLK
↑ → STB ↓
6ns
STB-CLK Time
tSTB-CLK
STB
↓ → CLK ↑
6ns
Time Between STB and
tSTB-STH
STB
↓ → STHR ↑
60
ns
Start Pulse
POL-STB Time
tPOL-STB
POL
↑ or ↓ → STB ↑
–5
ns
STB-POL Time
tSTB-POL
STB
↓ → POL ↑ or ↓
6ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com