Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDEF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RDEF
Description  Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDEF Datasheet(HTML) 4 Page - Vishay Siliconix

  RDEF Datasheet HTML 1Page - Vishay Siliconix RDEF Datasheet HTML 2Page - Vishay Siliconix RDEF Datasheet HTML 3Page - Vishay Siliconix RDEF Datasheet HTML 4Page - Vishay Siliconix RDEF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RDEF, RDSF
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
4
Document Number: 31829
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RDEF00201K000JABVT (RDEF0020-VT 1K 5 % 3/16L B)
R
D
E
F
00
2
0
1
K
00
0J
A
B
V
T
GLOBAL MODEL
RESISTANCE
VALUE
TOLERANCE
TERMINAL
PACKAGING
CODE
SPECIAL
RDEF0020
(see “Standard
Electrical
Specifications”
table above for
additional P/N’s)
R = decimal
K = thousand
R1500 = 0.15
1K500 = 1.5 k
J = ± 5.0 %
K = ± 10 %
A = 3/16" lug
D =1/4" lug
F =3/8" lug
G =1/2" lug
H =1/4" single
quick-connect
B = bulk
00 = standard
NI = non-inductive
SW = surge winding
CP = push in clips (bulk)
CA = push in clips (assembled)
VT = vertical mount
1A = 1 high bracket zinc plated steel
2A = 2 high bracket zinc plated steel
3A = 3 high bracket zinc plated steel
4A = 4 high bracket zinc plated steel
Note
2A, 3A, and 4A assemblies:
include identical resistors only wiring to
be supplied by customer reference CS
series for further customization
Note
3A and 4A limitations:
brackets fit 40 W to 550 W RB resistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com