Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDEF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RDEF
Description  Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDEF Datasheet(HTML) 1 Page - Vishay Siliconix

  RDEF Datasheet HTML 1Page - Vishay Siliconix RDEF Datasheet HTML 2Page - Vishay Siliconix RDEF Datasheet HTML 3Page - Vishay Siliconix RDEF Datasheet HTML 4Page - Vishay Siliconix RDEF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDEF, RDSF
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
1
Document Number: 31829
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power, Tubular,
Roundwire (RD), Fixed (RDEF, RDSF)
FEATURES
• High temperature silicone or vitreous enamel
coatings
• Non-inductive options available
• All welded construction
• Wide range of available resistances
• Hardware mounting options and enclosures available
•Wirewound
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Vitreous enamel coating is standard (RDEF type), silicone coating is optional (RDSF type).
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
W
RESISTANCE RANGE
TOLERANCE
%
TERMINAL STYLE
STANDARD
OPTION
RDEF0008 (1)
5-16-
8
0.82 to 13.5K
5
A
H
RDEF0012 (1)
5-28-
12
0.12 to 49K
5
A
H
RDEF0015 (1)
7-24-
15
0.16 to 28.7K
5
A
H
RDEF0020 (1)
7-32-
20
0.13 to 53.2K
5
A
H
RDEF0025 (1)
9-32-
25
0.22 to 35K
5
D
H
RDEF0030 (1)
12-32-
30
0.28 to 29K
5
D
H
RDEF0045 (1)
12-48-
45
0.18 to 63K
5
D
H
RDEF0050 (1)
9-64-
50
0.21 to 119K
5
D
H
RDEF0051 (1)
12-56-
51
0.22 to 83K
5
D
H
RDEF0061 (1)
12-64-
61
0.27 to 97K
5
D
H
RDEF0065 (1)
12-72-
65
0.31 to 122K
5
D
H
RDEF0075 (1)
9-96-
75
0.33 to 207K
5
D
H
RDEF0076 (1)
12-80-
76
0.35 to 134K
5
D
H
RDEF0080 (1)
18-64-
80
0.06 to 53K
5
F
H
RDEF0090 (1)
12-96-
90
0.43 to 172K
5
D
H
RDEF0095 (1)
18-80-
95
0.08 to 79K
5
F
H
RDEF0100 (1)
12-104-
100
0.47 to 186K
5
D
H
RDEF0120 (1)
18-96-
120
0.11 to 100K
5
F
H
RDEF0130 (1)
18-104-
130
0.12 to 111K
5
F
H
RDEF0160 (1)
18-128-
160
0.15 to 144K
5
F
H
RDEF0175 (1)
18-136-
175
0.16 to 156K
5
F
H
RDSF0220
26-136-
220
0.21 to 69K
5
G
-
RDEF0225 (1)
18-168-
225
0.21 to 200K
5
F
H
RDEF0235 (1)
18-180-
235
0.22 to 216K
5
F
H
RDEF0240 (1)
18-188-
240
0.24 to 227K
5
F
H
RDSF0275
26-168-
275
0.27 to 90K
5
G
-
RDSF0300
26-188-
300
0.31 to 104K
5
G
-
RDSF0500
40-192-
S
500
0.49 to 34K
5
G
-
RDSF0750
40-240-
S
750
0.63 to 44K
5
G
-
RDSF1000
40-320-
S
1000
0.89 to 62K
5
G
-
RDSF1150
52-320-
S
1150
1.14 to 41K
5
G
-


Similar Part No. - RDEF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RDEF-15PA-LN HIROSE-RDEF-15PA-LN Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDEF-15PA-LN4-40 HIROSE-RDEF-15PA-LN4-40 Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDEF-15PA-LNA HIROSE-RDEF-15PA-LNA Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDEF-15PA-LNA4-40 HIROSE-RDEF-15PA-LNA4-40 Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDEF-15PE-LN HIROSE-RDEF-15PE-LN Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
More results

Similar Description - RDEF

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
12-Mar-14
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
RBEF VISHAY-RBEF Datasheet
140Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Ribwound (RB), Fixed (RBEF, RBSF)
04-Mar-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSF VISHAY-OVSF Datasheet
111Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
08-Oct-13
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
04-Mar-16
CS62 VISHAY-CS62_V01 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CSPR VISHAY-CSPR_V01 Datasheet
84Kb / 2P
Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
31-Jul-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com