Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1996A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1996A
Description  High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1996A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1996A Datasheet HTML 3Page - Maxim Integrated Products MAX1996A Datasheet HTML 4Page - Maxim Integrated Products MAX1996A Datasheet HTML 5Page - Maxim Integrated Products MAX1996A Datasheet HTML 6Page - Maxim Integrated Products MAX1996A Datasheet HTML 7Page - Maxim Integrated Products MAX1996A Datasheet HTML 8Page - Maxim Integrated Products MAX1996A Datasheet HTML 9Page - Maxim Integrated Products MAX1996A Datasheet HTML 10Page - Maxim Integrated Products MAX1996A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
High-Efficiency, Wide Brightness
Range, CCFL Backlight Controller
_______________________________________________________________________________________
7
5.40
5.10
0.01
0.1
10
100
VCC LOAD REGULATION
5.15
5.30
5.35
MAX1996 toc10
ILOAD (mA)
1
5.20
5.25
NORMAL OPERATION
SHUTDOWN
4.6
4.0
4.1
4.4
4.5
4.2
4.3
-15
-40
60
35
10
85
VCC vs. TEMPERATURE
MAX1996 toc11
TEMPERATURE (
°C)
5.32
5.33
5.31
5.35
5.36
5.34
4.40
4.45
4.35
4.55
4.60
4.50
NORMAL OPERATION
SHUTDOWN
Typical Operating Characteristics (continued)
(VBATT = 12V, VCTL = VCRF, VMINDAC = 1V, MODE = GND, circuit of Figure 1, Table 4.)
PIN
NAME
FUNCTION
1
ILIM
Current-Limit Threshold Adjustment. Bias ILIM with a resistive voltage-divider between REF or VCC
and GND. The current-limit threshold measured between LX_ and GND is 1/5th the voltage at ILIM;
ILIM adjustment range is 0V to 3V. Connect ILIM to VCC to set the default current-limit threshold to
0.2V.
2
REF
2V Reference Output. Bypass REF to GND with a 0.1µF capacitor. REF is discharged to GND when
shut down.
3
MINDAC
DAC Zero-Scale Input. VMINDAC sets the D/A converter’s minimum-scale output voltage. Disable
DPWM by connecting MINDAC to VCC.
4
GND
System Ground. The GND input to the maximum and minimum current-limit comparators. The
comparators sense the low-side FET NL1 and NL2 for zero-current crossing and current limit.
5
MODE
Interface Selection Input and Sync Input for DPWM Chopping. The average voltage on the MODE
pin selects one of three CCFL brightness control interfaces:
MODE = VCC enables SMBus serial interface.
MODE = GND enables the analog interface (positive analog interface mode), VCTL/SCL = 0V sets
minimum brightness.
MODE = REF enables the analog interface (reverse analog interface mode), VCTL/SCL = 0V sets
maximum brightness.
An AC clocking signal superimposed on the DC average MODE pin voltage can be used to
synchronize the DPWM chopping frequency. See Synchronizing the DPWM Frequency.
6
CRF/SDA
Reference and Serial Data Input. In analog interface mode, pin 6 is the reference input to the 5-bit
brightness control ADC. Bypass CRF to GND with a 0.1µF capacitor. In SMBus interface mode,
SDA is an SMBus serial data input/open-drain output.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com