Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1996A Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1996A
Description  High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1996A Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1996A Datasheet HTML 17Page - Maxim Integrated Products MAX1996A Datasheet HTML 18Page - Maxim Integrated Products MAX1996A Datasheet HTML 19Page - Maxim Integrated Products MAX1996A Datasheet HTML 20Page - Maxim Integrated Products MAX1996A Datasheet HTML 21Page - Maxim Integrated Products MAX1996A Datasheet HTML 22Page - Maxim Integrated Products MAX1996A Datasheet HTML 23Page - Maxim Integrated Products MAX1996A Datasheet HTML 24Page - Maxim Integrated Products MAX1996A Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
High-Efficiency, Wide Brightness
Range, CCFL Backlight Controller
______________________________________________________________________________________
21
Table 5. Components for the Dual-Lamp Application Circuit
DESIGNATION
DESCRIPTION
RECOMMENDED DEVICE
MANUFACTURER
TMK325BJ475MN
Taiyo Yuden
www.t-yuden.com
C1
4.7µF, 25V X5R ceramic capacitor
C3225X7R1E475M
TDK
www.tdk.com
TMK316BJ105KL
Taiyo Yuden
C2
1µF, 25V X7R ceramic capacitor
C3216X7R1E105K
TDK
GHM1038-SL-150J-3K
Murata
www.murata.com
C3, C13
15pF, 3.1kV high-voltage ceramic
capacitors
C4520C0G3F150K
TDK
EMK105BJ153KV
Taiyo Yuden
C4, C11
0.015µF, 16V X7R ceramic capacitors
GRM36X7R153K016
Murata
LMK105BJ104MV
Taiyo Yuden
GRM36X5R104K010
Murata
C5–C8, C10, C12
0.1µF, 10V X5R ceramic capacitors
C1005X5R1A104K
TDK
C9
0.01µF, 16V X7R ceramic capacitor
ECJ-0EB1C103K
Panasonic
www.panasonic.com
MMBD4148
Fairchild Semiconductor
www.fairchildsemi.com
IMBD4148
General Semiconductor
www.gensemi.com
D1, D5
100mA diodes
MMBD4148
Diodes Incorporated
www.diodes.com
D2
100mA dual Schottky diode, common
anode
BAT54AW
Diodes Incorporated
CMSSH-3A
Central Semiconductor
www.centralsemi.com
D3, D4
6.2V zener diodes
CMPZ5234B
Central Semiconductor
BZX84C6V2
Diodes Incorporated
D6
Dual diode, common cathode
CMPD2838
Central Semiconductor
BAV70
Diodes Incorporated
2N7002
Fairchild Semiconductor
2N7002
General Semiconductor
N1
N-channel MOSFET (SOT23)
2N7002
Central Semiconductor
FDC6561AN
Fairchild Semiconductor
NH1/NL1,
NH2/NL2
Dual N-channel MOSFETs
(30V, 0.095
Ω, SOT23-6)
TPC6201
Toshiba
www.toshiba.com
R1
150
Ω ±1% resistor
——
R2, R6
2k
Ω ±5% resistors
——
R3
100k
Ω ±1% resistor
——
R4
49.9k
Ω ±1% resistor
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com