Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series, Rev. 0.1
2
Freescale Semiconductor
Part numbers addressed in this document are listed in Table A. For more detailed ordering information, see
Section 10, “Ordering Information.”
4.1
DC Electrical Characteristics
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD
TJ
(°C)
XPC755BRX400LE
400
2.0 V ±100 mV
0 to 105
Modified power specifications. These devices
are no longer in production.
XPC755BPX400LE
XPC755CRX450LE
450
Note: The X prefix in a Freescale PowerPC part number designates a “Pilot Production Prototype” as defined by
Freescale SOP 3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A.
inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and
characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must
be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may
still occur while shipping pilot production prototypes.
Table 3. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
400 MHz, 450 MHz
Min
Max
Core supply voltage
VDD
1.90
2.10
V
2
PLL supply voltage
AVDD
1.90
2.10
V
2
L2 DLL supply voltage
L2AVDD
1.90
2.10
V
2
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. 2.0 V nominal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com