Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series, Rev. 0.1
4
Freescale Semiconductor
Ordering Information
10
Ordering Information
10.1
Part Numbers Addressed by This Specification
Table 20 provides the ordering information for the MPC755 parts described in this specification.
Table 20. Part Numbering Nomenclature
XPC
755
x
xx
nnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC 1
755
B = HiP4DP
RX = CBGA
400
L: 2.0 V ±100 mV
0
° to 105°C
E: 2.8; PVR = 0008 3203
PX = PBGA
755
C = HiP4DP
RX = CBGA
450
Notes:
1. The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to
simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production
prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office
acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production
prototypes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com