Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30RS4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30RS4S/Q
Description  Remote I/O R30 Series RTD INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30RS4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30RS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R30RS4
R30RS4 SPECIFICATIONS
ES-9003 Rev.3 Page 3/6
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Input type
Pt 100 (JIS ’97, IEC)
Pt 100 (JIS ’89)
JPt 100 (JIS ’89)
Pt 50 Ω (JIS ’81)
Ni 100
Cu 10 @ 25˚C
Cu 50
Pt100
(JIS ’97, IEC)
Burnout
Upscale
Downscale
None
Upscale
Unit
degC
degF
K
degC
Fine zero adjustment -320.00 – +320.00 (%) 0.00 (%)
Fine gain adjustment -3.2000 – +3.2000
1.0000
Zero base
-3 200.0 – +3 200.0
(degC, K)
-32 000 – +32 000
(degF)
0.0
Full base
-3 200.0 – +3 200.0
(degC, K)
-32 000 – +32 000
(degF)
0.0
Scaled range Zero
-32 000 – +32 000
0
Scaled range Span
-32 000 – +32 000
10 000
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Conversion rate
250 ms
500 ms
500 ms
Simulate input
Normal input
Simulated data
Normal input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com