Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30RS4S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30RS4S/Q
Description  Remote I/O R30 Series RTD INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30RS4S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30RS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30RS4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R30RS4
R30RS4 SPECIFICATIONS
ES-9003 Rev.3 Page 2/6
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Analog input, 4 points
RTD: Pt 100 (JIS ’97, IEC), Pt 100 (JIS ’89), JPt 100 (JIS ’89),
Pt 50Ω (JIS ’81), Ni 100, Cu 10, Cu 50
Sensing current: Max. 1 mA
Allowable leadwire resistance: Max. 100 Ω per wire
Temperature range
RTD
˚C
USABLE RANGE CONFORMANCE RANCE
Pt 100 (JIS’97, IEC)
-240 – +900
-200 – +850
Pt 100 (JIS’89)
-240 – +900
-200 – +660
JPt 100 (JIS’89)
-236 – +560
-200 – +510
Pt 50Ω (JIS’81)
-236 – +700
-200 – +649
Ni 100
-100 – +252
-80 – +250
Cu 10@25˚C
-212 – +312
-50 – +250
Cu 50
-100 – +200
-50 – +150
RTD
˚F
USABLE RANGE CONFORMANCE RANCE
Pt 100 (JIS’97, IEC)
-400 – +1652
-328 – +1562
Pt 100 (JIS’89)
-400 – +1652
-328 – +1220
JPt 100 (JIS’89)
-393 – +1040
-328 – +950
Pt 50Ω (JIS’81)
-393 – +1292
-328 – +1200
Ni 100
-148 – +486
-112 – +482
Cu 10@25˚C
-350 – +594
-58 – +482
Cu 50
-148 – +392
-58 – +302
Burnout value: Upper 32767, Lower -32768
INSTALLATION
Current consumption: 50 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 160 g (0.35 lb)
PERFORMANCE
Conversion accuracy: ±1°C (±1.8°F) except ±3°C (±5.4°F)
for Cu 10 @ 25°C
Conversion rate: 250 msec. or 500 msec. selectable
Converted data range
°C, K: Engineering unit value × 10 (integer) (Default
setting)
°F: Engineering unit value (integer)
* Scaling of converted data is configurable with the
configurator software (model: R30CFG). Refer to the
software manual for details.
Data allocation: 4
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input delay time: 50 msec.
Response time: Conversion rate × 2 + 50 msec. (0 – 90 %)
Burnout response time: ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com