Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30PA2S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R30PA2S/Q
Description  Remote I/O R30 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30PA2S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R30PA2S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R30PA2
R30PA2 SPECIFICATIONS
ES-9022 Rev.2 Page 1/5
https://www.m-system.co.jp/
Remote I/O R30 Series
TOTALIZED PULSE INPUT MODULE
(Pi 2 points, 32 Bits)
Functions & Features
• Space-saving remote I/O module of 2 points input pulse
counter
• 32-bit binary data
25 [.98]
mm [inch]
98
[3.86]
110
[4.33]
MODEL: R30PA2S[1]
ORDERING INFORMATION
• Code number: R30PA2S[1]
Specify a code from below for [1].
(e.g. R30PA2S/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
2: 2
COMMUNICATION MODE
S: Single
[1] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9022)
RELATED PRODUCTS
• Interface module
Model: R30NECT1 (firmware version V1.04.10 or higher)
Model: R30NCIE1 (firmware version V1.01.13 or higher)
• Paperless recorder
Model: TR30 (firmware version V1.05 or higher)
• PC configurator software (model: R30CFG)
Downloadable at M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R30BS)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R30BS)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 0.75 mm2
Screw terminal: Nickel-plated steel
Isolation: Input or reset input or external power to internal
bus or internal power
Status indicator LEDs: RUN, ERR
Input status indicator LEDs: Green LED; turns on with input
ON
(Refer to the instruction manual.)
Count reset: by inputting one pulse to the reset input
terminal, or from host PC/PLC
Count preset: settable from host PC/PLC, or with PC
configurator software
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.


Similar Part No. - R30PA2S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30PS1 MSYSTEM-R30PS1 Datasheet
141Kb / 3P
Remote I/O R30 Series POWER SUPPLY MODULE
More results

Similar Description - R30PA2S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TPA2 MSYSTEM-R5-TPA2 Datasheet
116Kb / 3P
Remote I/O R5 Series TOTALIZED PULSE INPUT MODULE
R30XN16A MSYSTEM-R30XN16A Datasheet
174Kb / 4P
Remote I/O R30 Series DISCRETE INPUT MODULE
R30US4 MSYSTEM-R30US4 Datasheet
223Kb / 7P
Remote I/O R30 Series UNIVERSAL INPUT MODULE
R3-PA4A MSYSTEM-R3-PA4A Datasheet
135Kb / 5P
Remote I/O R3 Series HIGH SPEED TOTALIZED PULSE INPUT MODULE
R3-SPA8 MSYSTEM-R3-SPA8 Datasheet
151Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA8 MSYSTEM-R3-PA8 Datasheet
143Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA4B MSYSTEM-R3-PA4B Datasheet
135Kb / 5P
Remote I/O R3 Series LOW SPEED TOTALIZED PULSE INPUT MODULE
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3Y-PA16 MSYSTEM-R3Y-PA16 Datasheet
146Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com