Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30PA2S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30PA2S/Q
Description  Remote I/O R30 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30PA2S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30PA2S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30PA2S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R30PA2
R30PA2 SPECIFICATIONS
ES-9022 Rev.2 Page 2/5
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Pulse input, 2 points
Common: Positive or negative common (NPN/PNP), common
per 2 points
■ Contact Input / Reset Input
•Open collector input (NPN, PNP)
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage/current: ≥ 16 V DC (input to common) /
≥ 3.7 mA
OFF voltage/current: ≤ 5 V DC (input to common) / ≤ 1 mA
•Voltage Pulse Input
ON voltage/current: ≥ 16 V DC (input to common) /
≥ 3.7 mA
OFF voltage/current: ≤ 5 V DC (input to common) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
Max input frequency: 100 Hz
Minimum pulse width time requirement: 5 msec. (for both
ON and OFF)
Totalized pulse range: 0 to 4,294,967,295 (0 only when the
counter is reset)
Max pulse range: 1 to 4,294,967,295
(factory setting: 4,294,967,295)
Count at overflow: 0 or 1 (factory setting: 0)
INSTALLATION
Current consumption: 30 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 150 g (0.33 lb)
PERFORMANCE
Data allocation: 4
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or reset input or external power to internal bus or
internal power)
1500 V AC @ 1 minute (power to FG; isolated on the power
supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com