Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30MS4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30MS4S/Q
Description  Remote I/O R30 Series POTENTIOMETER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30MS4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30MS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R30MS4
R30MS4 SPECIFICATIONS
ES-9004 Rev.3 Page 3/5
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Zero base
-320.00 – +320.00 (%) 0.00 (%)
Full base
-320.00 – +320.00 (%) 0.00 (%)
Scaled range Zero
-32 000 – +32 000
0
Scaled range Span
-32 000 – +32 000
10 000
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Conversion rate
80 ms
40 ms
20 ms
10 ms
80 ms
Simulate input
Normal input
Simulated data
Normal input
EXTERNAL VIEW
RUN
ERR
RUN LED
Input Terminal Block
ERR LED
■ FRONT VIEW
■ BOTTOM VIEW
■ SIDE VIEW
Lock Tab
Base Fixing Screw
Specifications
Positioning Guide
Terminal Cover
Terminal Fixing Screw
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com