Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30MS4S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30MS4S/Q
Description  Remote I/O R30 Series POTENTIOMETER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30MS4S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30MS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30MS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R30MS4
R30MS4 SPECIFICATIONS
ES-9004 Rev.3 Page 2/5
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Analog input, 4 points
Potentiometer: 100 Ω – 20 kΩ
Minimum span: 50 % of total resistance
Excitation: 0.1 V DC
INSTALLATION
Current consumption: 60 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 160 g (0.35 lb)
PERFORMANCE
Conversion rate / conversion accuracy:
10 ms / ±0.8%, 20 ms / ±0.4%, 40 ms / ±0.2%, 80 ms /
±0.2% (*)
(*) Factory setting
Response time: Conversion rate x 2 + 50 msec. (0 - 90 %)
Data range: 0 – 10000 of the input range
Data allocation: 4
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input delay time: 50 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com