Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6006 Datasheet HTML 1Page - Microchip Technology MCP6006 Datasheet HTML 2Page - Microchip Technology MCP6006 Datasheet HTML 3Page - Microchip Technology MCP6006 Datasheet HTML 4Page - Microchip Technology MCP6006 Datasheet HTML 5Page - Microchip Technology MCP6006 Datasheet HTML 6Page - Microchip Technology MCP6006 Datasheet HTML 7Page - Microchip Technology MCP6006 Datasheet HTML 8Page - Microchip Technology MCP6006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 2
 2020-2021 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VDD – VSS .....................................................................................................................................................................6V
Current at Analog Input Pins (VIN+, VIN-) ................................................................................................................±5 mA
Analog Inputs (VIN+, VIN-)††..................................................................................................... VSS – 0.5V to VDD +0.5V
Difference Input Voltage ................................................................................................................................ |VDD –VSS|
Output Short-Circuit Current (Note 1) .............................................................................................................Continuous
Storage Temperature...............................................................................................................................-65°C to +150°C
Maximum Junction Temperature (TJ) ....................................................................................................................+150°C
ESD Protection on All Pins (HBM; CDM; MM)
  3kV; 2kV; 300V
Note 1: Short-circuit to ground, one amplifier per package.
1.2
Specifications
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage Limits”.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM =VDD/4,
VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-1.6
—
1.6
mV
Input Offset Drift with
Temperature
VOS/TA
—±0.6—
µV/°C TA= -40°C to +125°C
Power Supply Rejection Ratio
PSRR
80
95
—
dB
Input Bias Current and Impedance
Input Bias Current
IB
—±1—
pA
—19—
pA
TA = +85°C
—
200
—
pA
TA = +125°C
Input Offset Current
IOS
—±1—
pA
Common-Mode Input Impedance
ZCM
—1013||6
—
||pF
Differential Input Impedance
ZDIFF
—1013||1
—
|pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com