Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP6006 Datasheet HTML 32Page - Microchip Technology MCP6006 Datasheet HTML 33Page - Microchip Technology MCP6006 Datasheet HTML 34Page - Microchip Technology MCP6006 Datasheet HTML 35Page - Microchip Technology MCP6006 Datasheet HTML 36Page - Microchip Technology MCP6006 Datasheet HTML 37Page - Microchip Technology MCP6006 Datasheet HTML 38Page - Microchip Technology MCP6006 Datasheet HTML 39Page - Microchip Technology MCP6006 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 36
 2020-2021 Microchip Technology Inc.
Microchip Technology Drawing No. C04-065-SL Rev D Sheet 2 of 2
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Foot Angle
0°
-
8°
15°
-
5°
Mold Draft Angle Bottom
15°
-
5°
Mold Draft Angle Top
0.51
-
0.31
b
Lead Width
0.25
-
0.10
c
Lead Thickness
1.04 REF
L1
Footprint
0.50
-
0.25
h
Chamfer (Optional)
8.65 BSC
D
Overall Length
3.90 BSC
E1
Molded Package Width
6.00 BSC
E
Overall Width
0.25
-
0.10
A1
Standoff
-
-
1.25
A2
Molded Package Thickness
1.75
-
-
A
Overall Height
1.27 BSC
e
Pitch
14
N
Number of Pins
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
Units
Foot Length
L
0.40
-
1.27
§
or protrusion, which shall not exceed 0.25 mm per side.
3.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
4.
Notes:
Dimension D does not include mold flash, protrusions or gate burrs, which shall
Pin 1 visual index feature may vary, but must be located within the hatched area.
§ Significant Characteristic
Dimensioning and tolerancing per ASME Y14.5M
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash
5. Datums A & B to be determined at Datum H.
Lead Angle
0°
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com