Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6477-E/MS Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6477-E/MS
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477-E/MS Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6477-E/MS Datasheet HTML 33Page - Microchip Technology MCP6477-E/MS Datasheet HTML 34Page - Microchip Technology MCP6477-E/MS Datasheet HTML 35Page - Microchip Technology MCP6477-E/MS Datasheet HTML 36Page - Microchip Technology MCP6477-E/MS Datasheet HTML 37Page - Microchip Technology MCP6477-E/MS Datasheet HTML 38Page - Microchip Technology MCP6477-E/MS Datasheet HTML 39Page - Microchip Technology MCP6477-E/MS Datasheet HTML 40Page - Microchip Technology MCP6477-E/MS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 37
MCP6476/6R/6U/7/9
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
Contact Pad Length (X14)
Contact Pad Width (X14)
Y
X
1.55
0.60
NOM
C
Contact Pad Spacing
5.40
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
X
Y
C
SILK SCREEN
Microchip Technology Drawing No. C04-2065-SL Rev D
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com