Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6477-E/MS Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP6477-E/MS
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477-E/MS Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP6477-E/MS Datasheet HTML 34Page - Microchip Technology MCP6477-E/MS Datasheet HTML 35Page - Microchip Technology MCP6477-E/MS Datasheet HTML 36Page - Microchip Technology MCP6477-E/MS Datasheet HTML 37Page - Microchip Technology MCP6477-E/MS Datasheet HTML 38Page - Microchip Technology MCP6477-E/MS Datasheet HTML 39Page - Microchip Technology MCP6477-E/MS Datasheet HTML 40Page - Microchip Technology MCP6477-E/MS Datasheet HTML 41Page - Microchip Technology MCP6477-E/MS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 38
 2020-2021 Microchip Technology Inc.
TOP VIEW
VIEW A–A
SIDE VIEW
Sheet 1 of 2
Note:
http://www.microchip.com/packaging
For the most current package drawings, please see the Microchip Packaging Specification located at
14 Lead Thin Shrink Small Outline Package [ST] 4.4 mm Body [TSSOP]
Microchip Technology Drawing C04-087 Rev D
A
B
C
SEATING
PLANE
0.20 C B A
2X 7 TIPS
0.10 C
14X
0.10
C B A
A
A
12
N
SEE DETAIL B
D
E
E
2
E1
E1
2
e
A
A2
A1
14X b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com