Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33151D-05T-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP33151D-05T-E/MS
Description  1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151D-05T-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP33151D-05T-E/MS Datasheet HTML 17Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 18Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 19Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 20Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 21Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 22Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 23Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 24Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
 2019 Microchip Technology Inc.
DS20006219A-page 21
MCP33151D/41D-XX
Note:
Note: Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33141D-10: Sample Rate (fS) = 1 Msps, SPI Clock Input = 60 MHz.
MCP33141D-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input = 30 MHz.
FIGURE 3-13:
SNR/SINAD/ENOB vs.
Reference Voltage
.
FIGURE 3-14:
SNR/SINAD vs.
Temperature: VREF = 5V.
FIGURE 3-15:
THD/SFDR vs.
Temperature: VREF = 5V.
FIGURE 3-16:
THD/SFDR vs. Reference
Voltage.
FIGURE 3-17:
SNR/SINAD vs.
Temperature: VREF = 1.8V.
FIGURE 3-18:
THD/SFDR vs.
Temperature: VREF = 5V.
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
71
72
73
74
11
11.5
12
12.5
SNR (dB)
SINAD(dB)
ENOB
-50
0
50
100
150
Temperature (°C)
73.76
73.78
73.8
73.82
73.84
73.86
SNR (dB)
SINAD(dB)
V
REF
= 5V
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-99
-98.8
-98.6
-98.4
-98.2
97
97.5
98
98.5
99
THD(dB)
SFDR(dB)
V
REF
= 5V
2345
Reference Voltage (V)
-103
-102
-101
-100
-99
-98
-97
-96
97
97.5
98
98.5
99
99.5
100
100.5
THD (dB)
SFDR(dB)
-50
0
50
100
150
Temperature (°C)
72.85
72.9
72.95
73
73.05
73.1
73.15
73.2
SNR (dB)
SINAD(dB)
V
REF
= 1.8V
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-97
-96
-95
-94
-93
-92
94
95
96
97
98
99
THD(dB)
SFDR(dB)
V
REF
= 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com