Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33151D-05T-E/MS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP33151D-05T-E/MS
Description  1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151D-05T-E/MS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP33151D-05T-E/MS Datasheet HTML 2Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 3Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 4Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 5Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 6Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 7Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 8Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 9Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
MCP33151D/41D-XX
DS20006219A-page 6
 2019 Microchip Technology Inc.
Spurious Free Dynamic Range
SFDR
MCP33151D-10 and MCP33151D-05: 14-bit ADC
—
110.5
—
dBc
VREF =5V, fIN =1 kHz
—
107.2
—
VREF =1.8V, fIN =1 kHz
—
105.9
—
VREF =5V, fIN =10kHz
—96.3
—
VREF =1.8V, fIN =10kHz
MCP33141D-10 and MCP33141D-05: 12-bit ADC
—
99.8
—
dBc
VREF =5V, fIN =1 kHz
—99.4
—
VREF =1.8V, fIN =1 kHz
—99.9
—
VREF =5V, fIN =10kHz
—95.2
—
VREF =1.8V, fIN =10kHz
Total Harmonic Distortion
(first five harmonics)
THD
MCP33151D-10 and MCP33151D-05: 14-bit ADC
—
-105.0
—
dBc
VREF =5V, fIN =1 kHz
—
-105.2
—
VREF =1.8V, fIN =1 kHz
—
103.2
—
VREF =5V, fIN =10kHz
—95.2
—
VREF =1.8V, fIN =10kHz
MCP33141D-10 and MCP33141D-05: 12-bit ADC
—
-100.7
—
dBc
VREF =5V, fIN =1 kHz
—
-100.3
—
VREF =1.8V, fIN =1 kHz
—
-100.4
—
VREF =5V, fIN =10kHz
—-94.2
—
VREF =1.8V, fIN =10kHz
System Self-Calibration
Self-Calibration Time
tCAL
—400
550
ms
Note 2
Number of SCLK Clocks for
Recalibrate Command
ReCalNSCLK
—
1024
—
clocks Includes clocks for data bits
Serial Interface Timing Information: See Serial Interface Timing Specifications
Digital Inputs/Outputs
High-level Input Voltage
VIH
0.7 × D
VIO
—DVIO +0.3
V
DVIO ≥ 2.3V
0.9 × D
VIO
DVIO <2.3V
Low-level Input Voltage
VIL
-0.3
—
0.3 × DVIO
VDVIO ≥ 2.3V
-0.3
0.2 × DVIO
DVIO <2.3V
Hysteresis of Schmitt Trigger
Inputs
VHYST
—0.2 ×
DVIO
—
V
All digital inputs
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD =1.8V, DVIO =3.3V, VREF =5V,
GND = 0V, Differential Analog Input (VIN) = -1 dBFS sine wave, fIN =10kHz, CLOAD_SDO = 20 pF, +25°C is applied
for typical values.
MCP331x1D-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP331x1D-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
This parameter is ensured by design and not 100% tested.
2:
This parameter is ensured by characterization and not 100% tested.
3:
Decoupling capacitor is recommended on the following pins:
(a) AVDD pin: 1 µF ceramic capacitor, (b) DVIO pin: 0.1 µF ceramic capacitor,
(c) VREF pin: 10 µF tantalum capacitor.
4:
Differential Input Full-Scale Range (FSR) = 2 × VREF.
5:
PSRR (dB) = -20 log(DVOUT/AVDD), where DVOUT = change in conversion result.
6:
ENOB = (SINAD - 1.76)/6.02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com