Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 62Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 63Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 64Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 65Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 66Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 67Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 68Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 69Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
66
NXP Semiconductors
Electrical characteristics
4.6.1.3
MIPI LP-RX specifications
2 Though there is no specified maximum for Z
OLP, the LP transmitter output impedance ensures the TRLP/TFLP specification is
met.
Table 63. MIPI low-power transmitter AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
TRLP /TFLP
1
1 C
LOAD includes the low equivalent transmission line capacitance. The capacitance of TX and RX are assumed to always be
< 10 pF. The distributed line capacitance can be up to 50 pF for a transmission line with 2 ns delay.
15% to 85% Rise Time and Fall Time
—
—
25
ns
TREOT
1,2,3
2 The rise-time of T
REOT starts from the HS common-level at the moment of the differential amplitude drops below 70 mV, due
to stopping of the differential drive.
3 With an additional load capacitance C
CM between 0 to 60 pF on the termination center tap at RX side of the lane.
30% to 85% Rise Time and Fall Time
—
—
35
ns
TLP-PULSE-TX
4
4 This parameter value can be lower than T
LPX (MIPI D-PHY low power states), due to differences in rise vs. fall signal slopes,
trip levels, and mismatches between Dp and Dn LP transmitters. Any LP exclusive-OR pulse observed during HS EoT
(transition from HS level to LP-11) is glitch behavior as described in Low-Power Receiver section.
Pulse width of the LP exclusive-OR clock: First LP exclusive-OR
clock pulse after Stop state or last pulse before Stop state
40
—
—
ns
Pulse width of the LP exclusive-OR clock: All other pulses
20
—
—
ns
TLP-PER-TX
Period of the LP exclusive-OR clock
90
—
—
ns
V/t
SR
1,5,6,7
5 When the output voltage is between 15% and 85% of the fully settled LP signal levels.
6 Measured as average across any 50 mV segment of the output signal transition.
7 This value represents a corner point in a piecewise linear curve.
Slew Rate @ CLOAD = 0 pF
30
—
500
mV/ns
Slew Rate @ CLOAD = 5 pF
30
—
200
mV/ns
Slew Rate @ CLOAD = 20 pF
30
—
150
mV/ns
Slew Rate @ CLOAD = 70 pF
30
—
100
mV/ns
CLOAD
1
Load Capacitance
0
—
70
pF
Table 64. MIPI low power receiver DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIH
Logic 1 input voltage
880
—
1300
mV
VIL
Logic 0 input voltage, not in ULP state
—
—
550
mV
VIL-ULPS
Logic 0 input voltage, ULP state
—
—
300
mV
VHYST
Input hysteresis
25
—
—
mV
Table 65. MIPI low power receiver AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
eSPIKE
1,2
Input pulse rejection
—
—
300
V.ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com