Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 99 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 95Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 96Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 97Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 98Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 99Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 100Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 101Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 102Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
Boot mode configuration
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
99
5
Boot mode configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot mode configuration pins
Table 97 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see the i.MX RT1160
Fuse Map and the System Boot chapter in i.MX RT1160 Reference Manual (IMXRT1160RM).
5.2
Boot device interface allocation
The following tables list the interfaces that can be used by the boot process in accordance with the specific
boot mode configuration. The tables also describe the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
Table 97. Fuses and associated pins used for boot
Pad
Default setting on reset
eFuse name
Details
GPIO_LPSR_02
35 K pull-down
BOOT_MODE[0]
GPIO_LPSR_03
35 K pull-down
BOOT_MODE[1]
GPIO_DISP_B1_06
HighZ
BT_CFG[0]
Boot Options, Pin value overrides
fuse settings for BT_FUSE_SEL = ‘0’.
Signal Configuration as Fuse
Override Input at Power Up.
These are special I/O lines that
control the boot up configuration
during product development. In
production, the boot configuration can
be controlled by fuses.
GPIO_DISP_B1_07
HighZ
BT_CFG[1]
GPIO_DISP_B1_08
HighZ
BT_CFG[2]
GPIO_DISP_B1_09
HighZ
BT_CFG[3]
GPIO_DISP_B1_10
HighZ
BT_CFG[4]
GPIO_DISP_B1_11
HighZ
BT_CFG[5]
GPIO_DISP_B2_00
HighZ
BT_CFG[6]
GPIO_DISP_B2_01
HighZ
BT_CFG[7]
GPIO_DISP_B2_02
HighZ
BT_CFG[8]
GPIO_DISP_B2_03
HighZ
BT_CFG[9]
GPIO_DISP_B2_04
HighZ
BT_CFG[10]
GPIO_DISP_B2_05
HighZ
BT_CFG[11]
Table 98. Boot through NAND
PAD Name
IO Function
ALT
Comments
GPIO_EMC_B1_00
semc.DATA[0]
ALT 0
—
GPIO_EMC_B1_01
semc.DATA[1]
ALT 0
—
GPIO_EMC_B2_02
semc.DATA[2]
ALT 0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com