Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG44PLCC Datasheet(PDF) 20 Page - Texas Instruments

Part # EDSTRG44PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG44PLCC Datasheet(HTML) 20 Page - Texas Instruments

Back Button EDSTRG44PLCC Datasheet HTML 16Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 17Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 18Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 19Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 20Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 21Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 22Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 23Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
FUNCTIONAL-BLOCK-DIAGRAM GENERALIZATION
1–12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional-block-diagram generalization (continued)
Interrupts
System
Control
Clock Options
Divide-by-4 or
Divide-by-1(PLL)
Serial Peripheral
Interface†
Program Memory
ROM: 2K, 4K, 8K, 12K, 16K, 24K,
32K or 48K Bytes†
EPROM: 8K, 16K, 24K, 32K or
48K Bytes†
Watchdog
Timer 1†
Serial
Communications
Interface†
Timer 2A†
Timer 2B†
PACT†
Mini SCI
Watchdog
128 Bytes
Dual-Port
RAM†
Data EEPROM
256 or 512 Bytes†
RAM 128, 256,
384, 512, 1K or
3.5K Bytes†
CPU
VSS2† VCC2†
VCC1
VSS1
1
8
8
8
8
SCIRXD
SCITXD
OP8
OP1
CP6
CP1
T1PWM
T1EVT
T1IC / CR
T2AIC2 / PWM
T2AEVT
T2AIC1 / CR
T2BIC2 / PWM
T2BEVT
T2BIC1 / CR
SCICLK
SCITXD
SCIRXD
SPICLK
SPISIMO
SPISOMI
8
Port APort B
†
Port C
†
Port DPort G
†
Port H
†
VSS3
VCC3
Standby RAM
256 Bytes†
Memory Expansion†
VCCSTBY
INT1
INT2 INT3
XTAL1
XTAL2 /
CLKIN
MC
RESET
E0 – E7
or
AN0 – AN7
Analog-to-Digital
Converter†
† Not available on all devices; see the selection reference guide (Table 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com