Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG44PLCC Datasheet(PDF) 23 Page - Texas Instruments

Part # EDSTRG44PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG44PLCC Datasheet(HTML) 23 Page - Texas Instruments

Back Button EDSTRG44PLCC Datasheet HTML 19Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 20Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 21Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 22Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 23Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 24Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 25Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 26Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
SELECTION REFERENCE GUIDE
1–15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
selection reference guide
The TMS370 8-Bit Microcontroller Product Selection Guide Configurations Table, commonly called the
Selection Reference Guide (see Table 4), provides the user with an easy-to-use guide that includes the
following specific device information by subfamilies: product family description (device type, part number,
package and temperature options, and pin count); memory [program memory (ROM, EPROM), data memory
(EEPROM, RAM) and any capability of off-chip memory expansion]; and peripherals (timers, serial interfaces,
A / D channels, I / O, clock generators, and OTP and reprogrammable devices). The following symbol footnotes
are used in Table 4:
† Packages: FN = PLCC, FZ = CLCC, N = PDIP, JD = CDIP, NJ = PSDIP (formerly N2), JC = CSDIP, NM = PSDIP, JN = CSDIP
‡ Temperatures: ROM device types have L = 0
°C to +70°C, A = – 40°C to +85°C, and T = – 40°C to +105°C temperature options; ROM-less, OTP
and UV-EPROM device types only have T.
§ PACT SCI: PACT includes a mini-SCI. SCI1 module has 3-pin configuration while SCI2 module has 2-pin configuration.
¶ RAM: Includes 256 bytes of standby RAM
# Memory: Includes secured memory feature
|| Max Freq: Supports maximum operating frequency of 3 MHz SYSCLK
kPACT WDOG: PACT includes a watchdog timer
hADC1 Channels: 8 channels A/D for 44 pin package, 4 channels A/D for 40 pin package
◊ Timers: Timer 1 (T1) includes a watchdog timer programmable as a general purpose 16-bit timer
Ψ44/40 Packages: 44 pins for FN, FZ packages. 40 pins for N, JD, NJ (formerly N2), JC packages.
Φ68/64 Packages: 68 pins for FN, FZ packages. 64 pins for NM, JN packages
¥ TMS370CxCx SCI: Operable in asynchronous mode only
∆ Converter Socket: Requires a TMDS37788OTP converter socket
♣Requires software modification (see the TMS370CxBx Data Sheet (literature number SPNS038))
Table 4 is a continuous table and only the applicable symbol footnotes are listed on each page.
development systems support tools
The TMS370 development system support tools listing shown in Table 5 identifies the available development
support tools (by tool description and part number) for each of the TMS370 subfamilies (’x0x, ’x1x, ’x2x, ’x32,
’x36,
…, ’xCx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com