Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2K-1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R2K-1-R
Description  R2K Series RS-232-C/RS-485 CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R2K-1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R2K-1-R Datasheet HTML 1Page - M-System Co.,Ltd. R2K-1-R Datasheet HTML 2Page - M-System Co.,Ltd. R2K-1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R2K-1
R2K-1 SPECIFICATIONS
ES-6701 Rev.5 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
92 [3.62]
90 [3.54]
15.5 [.61]
100 [3.94]
3–5 [.20] dia.
MTG HOLES
FOR WALL MOUNT.
(6 [.24])
41 [1.61]
3 [.12]
DIN RAIL
35 mm wide
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*When the device is located at the end of a transmission line via RS-485,
close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire).
Note: RS-485 and power terminals are not isolated from each other.
Use of M-System’s lightning surge protectors is recommended for protecting the
device from induced surges.
Controller
RS-232-C
SG
Shielded Twisted-pair Cable
To Other
RS-485 Devices
Jumper*
Term. Resist.
LEDs
SG2
SG
AC Adaptor
+
DC POWER
DIP SW
BAUD RATE
ROTARY SW
RS-232-C
T3
T4
T2
T1
Isolation
RS-485
Driver
+
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com