Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2K-1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R2K-1-R
Description  R2K Series RS-232-C/RS-485 CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R2K-1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R2K-1-R Datasheet HTML 1Page - M-System Co.,Ltd. R2K-1-R Datasheet HTML 2Page - M-System Co.,Ltd. R2K-1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R2K-1
R2K-1 SPECIFICATIONS
ES-6701 Rev.5 Page 1/3
https://www.m-system.co.jp/
R2K Series
RS-232-C/RS-485 CONVERTER
Functions & Features
• Bidirectional converter between RS-232-C and RS-485
used when connecting Modbus RS-485 devices to a PC
41 [1.61]
110
[4.33]
100 [3.94]
B RATE
RUN
ERR.1 ERR.2
CONFIG
mm [inch]
MODEL: R2K-1-[1]
ORDERING INFORMATION
• Code number: R2K-1-R
Consult Factory for AC power input.
[1] POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Connection
RS-232-C: 9-pin D-sub connector (male, lock screw No. 4-
40 UNC); A ‘Straight’ type cable connecting to the PC is to
be prepared by the user.
RS-485, power input: Euro type connector terminal
Isolation: RS-232-C to RS-485 or power
Data, parity & stop bit setting: DIP switches at the bottom
Baud rate setting: Front rotary switch
RUN indicator LED: Green light blinks in normal conditions.
ERR.1 indicator: Red LED blinks with RS-232-C overrun
error; ON with parity framing error.
ERR.2 indicator: Red LED blinks with RS-485 overrun error;
ON with parity framing error.
COMMUNICATION
Baud rate: 300, 600, 1200, 2400, 4800, 9600, 14.4 k,
19.2 k, 28.8 k, 38.4 k, 57.6 k, 76.8 k (bps)
Data bit: 7 or 8 bits
Parity: Odd, even or none
Stop bit: 1 or 2 bits
Communication: Half-duplex, asynchronous, no procedure
Data delay time: 300 microseconds
■ RS-232-C
Standard: Conforms to RS-232-C, EIA
Transmission distance: 10 meters max.
■ RS-485
Standard: Conforms to TIA/EIA–485–A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
INSTALLATION
Power consumption
•DC: Approx. 2 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(RS-232-C to RS-485 or power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - R2K-1-R

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
AVALANCHE DIODE
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
131Kb / 2P
AVALANCHE DIODE
Rev. 04:February 28, 2014
logo
List of Unclassifed Man...
R2KN ETC1-R2KN Datasheet
37Kb / 2P
AVALANCHE DIODE
More results

Similar Description - R2K-1-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-485BAT3 ADVANTECH-BB-485BAT3 Datasheet
351Kb / 2P
Battery Powered RS-232 to RS-485 Serial Converter
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com