Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-AD4/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-AD4/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT ALARM MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-AD4/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-AD4/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3-AD4
R3-AD4 SPECIFICATIONS
ES-8437 Rev.8 Page 4/4
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INPUT 1
250Ω
11
1
12
+
–
2
–
INPUT (CURRENT)
+
2W-XMTR (EXC)
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B *
* For dual redundant communication.
Control
Circuit
Communication
Circuit
Excitation
Supply
Input Circuit
INPUT 2
250Ω
13
3
14
+
–
4
–
INPUT (CURRENT)
+
2W-XMTR (EXC)
Excitation
Supply
Input Circuit
INPUT 3
250Ω
16
6
17
+
–
7
–
INPUT (CURRENT)
+
2W-XMTR (EXC)
Excitation
Supply
Input Circuit
INPUT 4
250Ω
18
8
19
+
–
9
15
5
20
10
–
INPUT (CURRENT)
+
2W-XMTR (EXC)
Excitation
Supply
Input Circuit
DIP SW
RUN LED ERR LED
1
2
INPUT 1
3
4
INPUT 2
6
7
INPUT 3
8
9
INPUT 4
5kΩ (0.5W)
• Unused Input Channels
Close across the unused input terminals with a resistor
(5kΩ, 0.5W) as shown below.
Unused channels left open are equal to the input lower
than -15%, which sets a data abnormality at the PLC or
the host device.
Connecting the resistor means approx. 0% of the full-scale.
An alarm setpoint must be set to a value that does not trip
an unwanted alarm.
Unused channels can be specified and set so on the PC
Configurator Software (model: R3CON) without needing to
connect resistors at the field terminals.
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com