Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-AD4/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-AD4/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT ALARM MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-AD4/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-AD4/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-AD4/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-AD4
R3-AD4 SPECIFICATIONS
ES-8437 Rev.8 Page 2/4
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 80 / 40 / 20 / 10 msec. selectable
Data allocation: 1
Current consumption: 210 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
Accuracy
RATE
80 msec. 40 msec. 20 msec. 10 msec.
±0.05%
±0.1%
±0.2%
±0.4%
Conversion accuracy:
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
ALARM SETTING
The following parameters are programmable using the PC
Configurator Software (model: R3CON).
■ALARM TRIP POINT (-15.00 to +115.00 %;
factory set to A1: 80.00, A2: 60.00, A3: 40.00, A4: 20.00)
Four alarm setpoints are selectable per each input.
■ALARM TYPE
(High or Low; factory set to A1: High, A2: High, A3: Low,
A4: Low)
High or Low alarm is selectable for each alarm trip point.
High alarm: An alarm is set when the input signal goes
above the setpoint.
Low alarm: An alarm is set when the input signal goes below
the setpoint.
■DEADBAND (HYSTERESIS)
(0.00 to 100.00 %; factory set to 5.00)
Deadband (deviation between the points where the alarm is
set and reset) is selectable for each alarm trip point.
■ALARM ON DELAY TIME
(0.0 to 99.0 seconds; factory set to 1.0)
The alarm output is set when the preset time elapses after
the input has entered in the alarm range.
This setting is common to all four points.
■POWER ON DELAY TIME
(0.0 to 99.0 sec.; factory set to 5.0)
The alarm output start functioning in the preset time after
the power has been turned on.
This setting is common to all four points.
■ALARM HOLD TIME
(0.0 to 99.0 seconds; factory set to 1.0)
The alarm output is held for the preset time even if it is
reset in shorter time.
This setting is common to all four points.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com