Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-BC32AW/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-BC32AW/CE
Description  Remote I/O R3 Series BCD CODE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BC32AW/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-BC32AW/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-BC32A
R3-BC32A SPECIFICATIONS
ES-8420 Rev.8 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
BCD CODE OUTPUT MODULE
(7-digit BCD; open collector)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–BC32A[1][2]
ORDERING INFORMATION
• Code number: R3-BC32A[1][2]
Specify a code from below for each [1] and [2].
(e.g. R3-BC32AW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
32: BCD code, 7 digits (4 channels/digit)
OUTPUT
A: Open collector
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Do 11 thru 28 to Do 31 thru 48 to Do 51 thru 68 to
Do 71 thru 88 to internal bus or internal power
Output hold setting: Setting for communication error with
side DIP SW
Strobe signal control: Selectable with the side DIP switch.
Strobe signal output time: 5 ms, 10 ms, 50 ms and 100 ms
selectable with the side DIP switch
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Output status indicator: Red LED; turns on with the output
ON.
Group selector: Switches the output status indicator
A. 1 - 8: Do11 - Do28
9 - 16: Do31 - Do48
B. 1 - 8: Do51 - Do68
9 - 16: Do71 - Do88
OUTPUT SPECIFICATIONS
Output signal: Open collector, 32 points (4 points/digit)
Isolation: Optical isolator
Common: All 4 points (8 terminals)
Common current: Max. 1 A per common
External excitation: 24 V DC ±10 %, approx. 0.04 A
Rated load voltage: 24 V DC ±10 %
Maximum load current: 0.1 A per point
Maximum rush current: 0.5 A for max. 10 msec.
Maximum leak current at OFF: 0.1 mA
Maximum voltage drop at ON: 0.1 V DC typical; 1.2 V DC
max.
(When driving an inductive load, connect a diode in parallel
with the load.)
Number of digits: 7 with strobe signal, 8 without it
Data: 2 words
Data description example
Input data: 1 2 3 4 5 6 7 8
high digits
low digits
Address 1: 5678 (4 low digits)
Address 2: 1234 (4 high digits)


Similar Part No. - R3-BC32AW/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BA32A MSYSTEM-R3-BA32A Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS MSYSTEM-R3-BA32AS Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS/CE MSYSTEM-R3-BA32AS/CE Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS/Q MSYSTEM-R3-BA32AS/Q Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AW MSYSTEM-R3-BA32AW Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
More results

Similar Description - R3-BC32AW/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BA32A MSYSTEM-R3-BA32A Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-DC8D MSYSTEM-R3-DC8D Datasheet
140Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64A MSYSTEM-R3-DC64A Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC32C MSYSTEM-R3-DC32C Datasheet
125Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16 MSYSTEM-R3-DC16 Datasheet
118Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-PC16A MSYSTEM-R3-PC16A Datasheet
118Kb / 4P
Remote I/O R3 Series PULSE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com