Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-BC32AW/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-BC32AW/CE
Description  Remote I/O R3 Series BCD CODE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BC32AW/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-BC32AW/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-BC32A
R3-BC32A SPECIFICATIONS
ES-8420 Rev.8 Page 2/5
https://www.m-system.co.jp/
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 150 g (0.33 lb)
PERFORMANCE
Data allocation: 4
Current consumption: 150 mA
Response time: ≤ 2 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(Do 11 thru 28 to Do 31 thru 48 to Do 51 thru 68 to Do 71
thru 88 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
• Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
• Output OFF
If both are in error, the module outputs OFF signals and
stands by until one of the communications recovers.
At the startup, it outputs OFF until the communication is
established and normal data is received.
■ STROBE SIGNAL CONTROL
Controls the timing of reading data. Strobe signal is output
at every data output. Strobe signal cannot be supplied
independently without data output.
Data
Output
Strobe
Signal
Output
Output
Time*
≥ Output
Time*
■ STROBE SIGNAL TIMING CHART
*Strobe signal output time is selectable with SW3.
OFF
ON



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com