Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM350-F280-R4-1001 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # VLM350-F280-R4-1001
Description  Laser light sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VLM350-F280-R4-1001 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  VLM350-F280-R4-1001 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Function indicator
Trigger: LED yellow ; object detected : LED red / green
Control elements
2 push-buttons
Electrical specifications
Operating voltage
UB
24 V ± 20 % , PELV
No-load supply current
I0
max. 250 mA
Power consumption
P0
max. 6 W , Outputs without load
Interface
Interface type
RS 485 interface
Physical
Switchable terminal resistor
Protocol
binary code
Transfer rate
38400 ... 230400 Bit/s
Input
Input voltage
24 V
Number/Type
External triggering + 1 Input
Switching threshold
low: < 2.5 V, high: > 8 V
Output
Number/Type
2 digital outputs
Switching type
PNP
Switching voltage
24 V
Switching current
150 mA each output
Compliance with standards and directives
Standard conformity
Noise immunity
EN 61000-6-2:2005
Emitted interference
EN 61000-6-4:2007/A1:2011
Degree of protection
EN 60529
Shock and impact resistance
EN 60068-2-27:2009
Laser class
IEC 60825-1:2007
Approvals and certificates
CCC approval
CCC approval / marking not required for products rated ≤36 V
Approvals
CE
Ambient conditions
Operating temperature
-20 ... 45 °C (-4 ... 113 °F) , (noncondensing; prevent icing on the lens!)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Mechanical specifications
Housing width
38 mm
Housing height
85 mm
Housing depth
55 mm
Degree of protection
IP67
Connection
8-pin, M12 x 1 connector ( supply + RS485 + Inputs/Outputs ) ; can be rotated 90° ;
Grounding : Grounding clip for PCV system
Material
Housing
PC/ABS
Optical face
Plastic pane
Mass
approx. 125 g
Tightening torque, fastening screws
max. 2 Nm
General information
Note
Security Instructions:
- Read the operating instructions before attempting commissioning
- Installation, connection and adjustments should only be undertaken by specialist
personnel
- Not a safety component in accordance with the EU Machinery Directive
Laser light sensor
VLM350-F280-R4-1001
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com