Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM350-F280-R4-1001 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VLM350-F280-R4-1001
Description  Laser light sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VLM350-F280-R4-1001 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VLM350-F280-R4-1001 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1001 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
38
12
M4
55
M4
20
A
A
14
Technical Data
General specifications
Measurement range
X = 40 ... 160 mm ; Z = 60 ... 350 mm
Light source
laser diode
Light type
red laser + Integrated LED lightning red 650 nm
Laser nominal ratings
Note
VISIBLE LASER RADIATION , DO NOT STARE INTO BEAM
DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS
Laser class
1
Wave length
Measuring laser: 660 nm
Pulse length
Measuring laser: 0.5 ms
Maximum optical power output
Measuring laser: 15 mW
Laser monitoring
The safety system switches off the laser when the laser current is too high
Scan rate
10 s-1
Resolution
X>0.44 mm; Z>0.4 mm at 60 mm distanc
X>1.1 mm; Z>1.1 mm at 200 mm distanc
X>1.9 mm; Z>2.5 mm at 350 mm distanc
Functional safety related parameters
MTTFd
20 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Diagnostics indicator
LED yellow / red
Laser light sensor
VLM350-F280-R4-1001
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com